Part Number Hot Search : 
AP1122YA A222R R1122 NJM23 13003BC LQ801 29F800 P15N100C
Product Description
Full Text Search
 

To Download HD45H11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6763-B Issued Date : 1994.11.09 Revised Date : 1999.08.01 Page No. : 1/2
HD45H11
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HD45H11 is designed for various specific and general purpose applications, such as:output and driver stages of amplifiers operating at frequencies from DC to greater than 1MHz; series, shunt and switching regulators; low and high frequency inverters/converters; and many others.
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Tc=25C) .................................................................................... 50 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage ..................................................................................... -80 V BVCEO Collector to Emitter Voltage.................................................................................. -80 V BVEBO Emitter to Base Voltage .......................................................................................... -5 V IC Collector Current ........................................................................................................... -10 A IB Base Current ................................................................................................................... -5 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVCES BVEBO ICBO IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 *hFE3 Cob fT Min. -80 -80 -80 -5 100 60 40 Typ. 230 40 Max. -10 -100 -1 -1.5 Unit V V V V uA uA V V Test Conditions IC=-100mA IC=-100mA IC=-1mA IE=-1mA VCB=-80V VEB=-5V IC=-8A, IB=-0.8A IC=-8A, IB=-0.8A IC=-250mA, VCE=-1V IC=-2A, VCE=-1V IC=-4A, VCE=-1V VCB=-10V VCE=-1V, IC=-500mA, f=100MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
pF MHz
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking :
A D B E C
HSMC Logo Part Number Date Code
Spec. No. : HE6763-B Issued Date : 1994.11.09 Revised Date : 1999.08.01 Page No. : 2/2
Product Series Rank
H I G 4 P M 3 2 1 N K
Style : Pin 1.Base 2.Collector 3.Emitter
O
3-Lead TO-220AB Plastic Package HSMC Package Code : E *:Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes : 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HD45H11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X